|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
POWER INDUCTORS < Pin Type: RCR Series> Type RCR-875D o Product Description *E 8.2mm Max. , 7.5mm Max. Height. *E Inductance range: 1.2E H 10mH 4.14A *E Rated Current Range: 74mA *E In addition to the standard versions of inductors shown here, custom inductors are available to meet your exact requirements o Feature *E Magnetically shielded construction. *E Ideally Used in Printers, LCD TV, DVD, Printer, Copy Machine, Mainboard of the compounding machines, etc as Power Supplies's Inductors or DC-DC Converter inductors. *E RoHS Compliance o Dimensions (mm) 0.1 {* 0.7*0.05 O | MAX.7.5 1.0 }* 5.0 O7.8*}0.5 Please refer to the sales offices on our website for a representative near you www.sumida.com 5.0*0.3 } 1/2 POWER INDUCTORS < Pin Type: RCR Series> Type RCR-875D o Specification Part Name RCR875DNP-1R2L RCR875DNP-1R7L RCR875DNP-2R3L RCR875DNP-3ROL RCR875DNP-3R9L RCR875DNP-4R7L RCR875DNP-5R6L RCR875DNP-7ROL RCR875DNP-8R2L RCR875DNP-1OOL RCR875DNP-12OL RCR875DNP-15OL RCR875DNP-18OL RCR875DNP-22OL RCR875DNP-27OL RCR875DNP-33OL RCR875DNP-39OL RCR875DNP-47OL RCR875DNP-56OK RCR875DNP-68OK RCR875DNP-82OK RCR875DNP-1O1K RCR875DNP-121K RCR875DNP-151K RCR875DNP-181K RCR875DNP-221K RCR875DNP-271K RCR875DNP-331K RCR875DNP-391K RCR875DNP-471K RCR875DNP-561K RCR875DNP-681K RCR875DNP-821K RCR875DNP-1O2K RCR875DNP-122K RCR875DNP-152K RCR875DNP-182K RCR875DNP-222K RCR875DNP-272K RCR875DNP-332K RCR875DNP-392K RCR875DNP-472K RCR875DNP-562K RCR875DNP-682K RCR875DNP-822K RCR875DNP-1O3K u Stamp 1R2L 1R7L 2R3L 3R0L 3R9L 4R7L 5R6L 7R0L 8R2L 100L 120L 150L 180L 220L 270L 330L 390L 470L 560K 680K 820K 101K 121K 151K 181K 221K 271K 331K 391K 471K 561K 681K 821K 102K 122K 152K 182K 222K 272K 332K 392K 472K 562K 682K 822K 103K I Inductance [Within] u 1 1.2|I H A 15% 1.7|I H A 15% 2.3|I H A 15% 3.0|I H A 15% 3.9|I H A 15% 4.7|I H A 15% 5.6|I H A 15% 7.0|I H A 15% 8.2|I H A 15% 10|I H A 15% 12|I H A 15% 15|I H A 15% 18|I H A 15% 22|I H A 15% 27|I H A 15% 33|I H A 15% 39|I H A 15% 47|I H A 15% 56|I H A 10% 68|I H A 10% 82|I H A 10% 100|I H A 10% 120|I H A 10% 150|I H A 10% 180|I H A 10% 220|I H A 10% 270|I H A 10% 330|I H A 10% 390|I H A 10% 470|I H A 10% 560|I H A 10% 680|I H A 10% 820|I H A 10% 1.0 mH A 10% 1.2 mH A 10% 1.5 mH A 10% 1.8 mH A 10% 2.2 mH A 10% 2.7 mH A 10% 3.3 mH A 10% 3.9 mH A 10% 4.7 mH A 10% 5.6 mH A 10% 6.8 mH A 10% 8.2 mH A 10% 10 mH A 10% (| D.C.R. ) [Max.] at 20ae 18 m 22 m 25 m 28m 31m 35m 39m 43m 47m 50m 54m 62m 71m 0.08 0.10 0.14 0.15 0.17 0.19 0.21 0.27 0.32 0.36 0.51 0.57 0.76 0.86 0.97 1.28 1.44 1.61 2.07 2.33 2.72 3.98 4.50 6.81 7.56 8.54 9.74 12.9 14.7 20.4 23.0 30.6 35.0 Rated Current (mA) u 2 4140 3750 3450 3250 3080 2940 2820 2680 2550 2400 2250 1950 1780 1600 1400 1300 1200 1100 990 890 810 740 670 600 550 500 450 410 370 340 310 280 260 230 210 190 170 160 140 130 120 110 99 89 81 74 Unload N (Ref.) 20 20 18.5 19 18 19.5 18.5 18 16.5 53.5 54 52 52.5 88 90 87 84 74 60 61 61 86 89 100 101 112 116 117 121 126 132 138 139 145 140 144 147 152 156 158 159 161 151 155 146 151 100|I H 10 mH(1kHz); 1.2|I H 82|I H( 2.52 MHz) 10|I H 82|I H(2.52 MHz); 100|I H 10 mH(100 kHz) 1.2|I H 8.2|I H(7.96 MHz) u 2:Rated current: The DC current at which the inductance decreases 90% of it's initial value or when / t=40ae ,whichever is lower(Ta1/2 20ae ). N Please refer to the sales offices on our website for a representative near you 1 Measuring frequency: www.sumida.com 2/2 |
Price & Availability of RCR875DNP-2R3L |